Part Number Hot Search : 
S1215 1ZC24A B2567 PSSX400 H2215C PXB4220 IRF3709Z C18LF
Product Description
Full Text Search
 

To Download HDSP-A511-JK000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  devices algaas orange red her green package hdsp- hdsp- hdsp- hdsp- description drawing a411 a111 a211 a511 7.6 mm common anode right hand decimal a a413 a113 a213 a513 7.6 mm common cathode right hand decimal b f411 f111 f211 f511 10 mm common anode right hand decimal c f413 f113 f213 f513 10 mm common cathode right hand decimal d g411 g111 g211 g511 10 mm two digit common anode right hand decimal e g413 g113 g213 g513 10 mm two digit common cathode right hand decimal f h411 h111 h211 h511 14.2 mm common anode right hand decimal g h413 h113 h213 h513 14.2 mm common cathode right hand decimal h k411 k111 k211 k511 14.2 mm two digit common anode right hand decimal i k413 k113 k213 k513 14.2 mm two digit common cathode right hand decimal j black surface seven segment displays technical data features ? black surface and color tinted epoxy ? industry standard size ? industry standard pinout ? choice of character size 7.6 mm (0.30 in.), 10 mm (0.40 in.), 14.2 mm (0.56 in.) ? choice of colors algaas red, high efficiency red (her), green, orange ? excellent appearance evenly lighted segments 50 viewing angle ? design flexibility common anode or common cathode single and two digit ? categorized for luminous intensity categorized for color: green use of like categories yields a uniform display ? excellent for long digit string multiplexing description these devices use industry standard size package and pinout. available with black surface hdsp-ax11/-ax13 series hdsp-fx11/-fx13 series hdsp-gx11/-gx13 series hdsp-hx11/-hx13 series hdsp-kx11/-kx13 series finish. all devices are available as either common anode or common cathode. typical applications include appliances, channel indicators of tv, catv converters, game machines, and point of sale terminals.
2 part numbering system notes: 1. for codes not listed in the figure above, please refer to the respective datasheet or contact your nearest agilent representative for details. 2. bin options refer to shippable bins for a part number. color and intensity bins are typically restricted to 1 bin per tube (exceptions may apply). please refer to respective datasheet for specific bin limit information. 5082 -x x x x-x x x x x hdsp-x x x x-x x x x x mechanical options [1] 00: no mechanical option color bin options [1,2] 0: no color bin limitation maximum intensity bin [1,2] 0: no maximum intensity bin limitation minimum intensity bin [1,2] 0: no minimum intensity bin limitation device configuration/color [1] 1: common anode 3: common cathode device specific configuration [1] refer to respective datasheet package [1] a: 7.6 mm (0.3 inch) single digit seven segment display f: 10 mm (0.4 inch) single digit seven segment display g: 10 mm (0.4 inch) dual digit seven segment display h: 14.2 mm (0.56 inch) single digit seven segment display k: 14.2 mm (0.56 inch) dual digit seven segment display
3 package dimensions (7.6 mm series) internal circuit diagram package dimensions (10 mm series: single) internal circuit diagram
4 package dimensions (10 mm series: two digit) internal circuit diagram
5 package dimensions (14.2 mm series: single) internal circuit diagram package dimensions (14.2 mm series: two digit) internal circuit diagram
6 algaas red device series hdsp- parameter symbol min. typ. max. units test conditions a11x luminous intensity/segment [1,2] i v 315 600 m cd i f = 1 ma (digit average) 3600 i f = 5 ma f11x, g11x 330 650 i f = 1 ma 3900 i f = 5 ma h11x, k11x 400 700 i f = 1 ma 4200 i f = 5 ma all devices forward voltage/segment or dp v f 1.6 2.0 v i f = 1 ma 1.7 i f = 5 ma 1.8 22 i f = 20 ma peak peak wavelength l p eak 645 nm dominant wavelength [3] l d 637 nm reverse voltage/segment or dp [4] v r 3.0 15 v i r = 100 m a temperature coefficient of d v f / c-2 mv/ c v f /segment or dp a11x thermal resistance led r q j-pin 255 c/w/ junction-to-pin seg. f11x, g11x 320 h11x, k12x 400 electrical/optical characteristics at t a = 25 c absolute maximum ratings algaas red her/orange green hdsp-x11x hdsp-x21x/x41x hdsp-x51x description series series series units average power per segment 37 105 105 mw or dp peak forward current per 45 90 [1] 90 [3] ma segment or dp dc forward current per 15 [5] 30 [2] 30 [4] ma segment or dp operating temperature range C20 to +100 C40 to +100 c storage temperature range C55 to +100 c reverse voltage per 3.0 v segment or dp lead solder temperature for 260 c 3 seconds (1.60 mm [0.063 in.] below seating plane) notes: 1. see figure 5 to establish pulsed conditions. 2. derate above 53 c at 0.45 ma/ c (see figure 7). 3. see figure 6 to establish pulsed conditions. 4. derate above 39 c at 0.37 ma/ c (see figure 7). 5. derate above 91 c at 0.53 ma/ c (see figure 1).
7 high efficiency red device series hdsp- parameter symbol min. typ. max. units test conditions a21x luminous intensity/segment [1,2] i v 360 980 m cd i f = 5 ma (digit average) 5390 i f = 20 ma f21x, g21x 420 1200 i f = 5 ma h21x, k21x 900 2800 i f = 10 ma 3700 i f = 60 ma peak: 1/6 duty factor all forward voltage/segment or dp v f 2.0 2.5 v i f = 20 ma devices peak wavelength l peak 635 nm dominant wavelength [3] l d 626 nm reverse voltage/segment or dp [4] v r 3.0 30 v i r = 100 m a temperature coefficient of d v f / c-2 mv/ c v f /segment or dp a21x thermal resistance led r q j-pin 200 c/w/ junction-to-pin seg. f21x, g21x 320 h21x, k21x 345 orange device series hdsp- parameter symbol min. typ. max. units test conditions a41x luminous intensity/segment i v 0.70 mcd i f = 5 ma (segment average) [1,2] f41x, g41x 1.0 i f = 5 ma h41x, k41x 2.37 i f = 10 ma all forward voltage/segment or dp v f 2.0 2.5 v i f = 20 ma devices peak wavelength l peak 600 nm dominant wavelength [3] l d 603 nm reverse voltage/segment or dp [4] v r 3.0 30 v i r = 100 m a temperature coefficient of d v f / c C 2mv/ c v f /segment or dp a41x thermal resistance led r q j-pin 200 c/w/ junction-to-pin seg. f41x, g41x 320 h41x, k41x 345
8 high performance green device series hdsp- parameter symbol min. typ. max. units test conditions a51x luminous intensity/segment [1,2] i v 860 3000 m cd i f = 10 ma (digit average) 6800 i f = 20 ma f51x, g51x 1030 3500 i f = 10 ma h51x, k51x 900 2500 i f = 10 ma 3100 i f = 60 ma peak: 1/6 duty factor all forward voltage/segment or dp v f 2.1 2.5 v i f = 10 ma devices peak wavelength l peak 566 nm dominant wavelength [3,5] l d 571 577 nm reverse voltage/segment or dp [4] v r 3.0 50 v i r = 100 m a temperature coefficient of d v f / c -2 mv/ c v f /segment or dp a51x thermal resistance led r q j -pin 200 c/w/ junction-to-pin seg. f51x, g51x 320 h51x, g51x 345 notes: 1. case temperature of device immediately prior to the intensity measurement is 25 c. 2. the digits are categorized for luminous intensity. the intensity category is designated by a letter on the side of the package. 3. the dominant wavelength, l d , is derived from the cie chromaticity diagram and is that single wavelength which defines the color of the device. 4. typical specification for reference only. do not exceed absolute maximum ratings. 5. green (hdsp-a51x/f51x/g51x/h512x/k51x) series displays are categorized for dominant wavelength. the category is designated by a number adjacent to the luminous intensity category letter.
9 figure 3. relative luminous intensity vs. dc forward current. figure 4. relative efficiency (luminous intensity per unit current) vs. peak current. figure 1. maximum allowable average or dc current vs. ambient temperature. figure 2. forward current vs. forward voltage. 16 0 2 4 6 8 10 12 14 20 100 90 80 70 60 50 40 30 t C ambient temperature C c a i ave. max C maximum average forward current per segment C ma f 120 110 20 18 r = 770c/w q j-a f 50.0 20.0 10.0 5.0 2.0 1.0 0.5 0.1 0 0.5 1.0 1.5 2.0 2.5 v C forward voltage C v f i C forward current per segment C ma 20 10 5 2 1 0.5 0.2 0.1 0.1 0.2 0.5 1 2 5 10 20 relative luminous intensity (normalized to 1 at 1 ma) i C forward current per segment C ma f i C peak forward current per segment C ma peak h C relative efficiency C normalized to 1 at 1 ma peak 1.3 1.2 1.1 1.0 0.9 0.8 0 5 10 20 30 40 50 0.7 0.5 ma algaas red
10 her, green, orange figure 7. maximum allowable dc current vs. ambient temperature. figure 8. forward current vs. forward voltage characteristics. figure 9. relative luminous intensity vs. dc forward current. figure 10. relative efficiency (luminous intensity per unit current) vs. peak current. 40 0 5 10 15 20 25 30 35 20 100 90 80 70 60 50 40 30 t ?ambient temperature ?? a i max ?maximum dc current per segment ?ma dc 120 110 50 45 her / orange green r = 770?/w q j-a 0 100 80 60 40 20 i ?forward current per segment ?ma f 2.0 4.0 3.0 1.0 v ?forward voltage ?v f 0 5.0 her / orange green h peak ?relative luminous intensity (normalized to 1 at 5 ma for her, and to 1 at 10 ma for green) 15 0 10 8 6 4 2 20 530 10 25 12 i ?forward current per segment ?ma f 0 green her / orange 0 i ?peak forward current per segment ?ma peak 0.8 1.0 1.2 1.4 100 20 80 60 40 1.8 1.6 green her / orange h peak ?relative efficiency (normalized to 1 at 5 ma for her, and 10 ma for green) figure 5. maximum tolerable peak current vs. pulse duration C her, orange. figure 6. maximum tolerable peak current vs. pulse duration C green. ratio of maximum operating peak current to temperature derated dc current i peak f i max dc t C pulse duration C s p 10 1 100 10 10000 1000 100 1 10 khz 3 khz 300 hz dc operation operation in this region requires temperature derating of i maximum dc 100 hz 1 khz ratio of maximum operating peak current to temperature derated dc current i peak f i max dc t C pulse duration C s p 10 1 100 10 10000 1000 100 1 10 khz 3 khz 300 hz 100 hz dc operation operation in this region requires temperature derating of i maximum dc 1 hz
11 hdsp-a1xx iv bin category min. max. e 0.315 0.520 f 0.428 0.759 g 0.621 1.16 h 0.945 1.71 i 1.40 2.56 j 2.10 3.84 k 3.14 5.75 l 4.70 8.55 intensity bin limits (mcd) algaas red hdsp-f1xx/g1xx iv bin category min. max. d 0.391 0.650 e 0.532 0.923 f 0.755 1.39 g 1.13 2.08 h 1.70 3.14 hdsp-h1xx/k1xx iv bin category min. max. c 0.415 0.690 d 0.565 0.990 e 0.810 1.50 f 1.20 2.20 g 1.80 3.30 h 2.73 5.00 i 4.09 7.50 orange hdsp-a41x iv bin category min max a 0.284 0.433 b 0.354 0.541 c 0.443 0.677 d 0.554 0.846 e 0.692 1.057 f 0.856 1.322 g 1.082 1.652 h 1.352 2.066 i 1.692 2.581 j 2.114 3.227 k 2.641 4.034 l 3.300 5.042 m 4.127 6.303 n 5.157 7.878 hdsp-f41x/g41x iv bin category min max c 0.485 0.890 d 0.728 1.333 e 1.091 2.000 f 1.636 3.000 g 2.454 4.500 h 3.682 6.751 hdsp-h41x/k41x iv bin category min max b 0.77 1.17 c 0.95 1.45 d 1.19 1.82 e 1.49 2.27 f 1.85 2.89 g 2.32 3.54 h 2.90 4.43
12 hdsp-a2xx iv bin category min. max. b 0.342 0.630 c 0.516 0.946 d 0.774 1.418 e 1.160 2.127 f 1.740 3.190 g 2.610 4.785 h 3.915 7.177 hdsp-f2xx/g2xx iv bin category min. max. c 0.485 0.890 d 0.728 1.333 e 1.091 2.000 f 1.636 3.000 g 2.454 4.500 h 3.682 6.751 hdsp-h2xx/k2xx iv bin category min. max. e 0.91 1.67 f 1.37 2.51 g 2.05 3.76 h 3.08 5.64 i 4.62 8.64 j 6.93 12.70 k 10.39 19.04 intensity bin limits (mcd), continued her 12
13 contrast enhancement for information on contrast enhancement, please see application note 1015. soldering/cleaning for information on soldering leds, please refer to application note 1029. electrical/optical for more information on electrical/optical characteristics, please see application note 1005. dominant wavelength (nm) color bin min. max. green 2 573.00 577.00 3 570.00 574.00 4 567.00 571.00 5 564.00 568.00 color categories note: all categories are established for classification of products. products may not be available in all categories. please contact your agilent representatives for further clarification/information. hdsp-a5xx iv bin category min. max. h 0.86 1.58 i 1.29 2.37 j 1.94 3.55 k 2.90 5.33 l 4.37 8.01 intensity bin limits (mcd), continued green hdsp-f5xx/g5xx iv bin category min. max. h 1.54 2.82 i 2.31 4.23 j 3.46 6.34 k 5.18 9.50 l 7.78 14.26 hdsp-h5xx/k5xx iv bin category min. max. e 0.91 1.67 f 1.37 2.51 g 2.05 3.76 h 3.08 5.64 i 4.61 8.46
www.agilent.com/semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (408) 654-8675 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 271 2451 india, australia, new zealand: (+65) 271 2394 japan: (+81 3) 3335-8152(domestic/interna- tional), or 0120-61-1280(domestic only) korea: (+65) 271 2194 malaysia, singapore: (+65) 271 2054 taiwan: (+65) 271 2654 data subject to change. copyright ? 2002 agilent technologies, inc. obsoletes 5988-1742en february 19, 2002 5988-4433en


▲Up To Search▲   

 
Price & Availability of HDSP-A511-JK000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X